Part Number Hot Search : 
BXXGA STK419 A5WEF ST62E60B BR154 BXXGA DS2119ME FC154
Product Description
Full Text Search
 

To Download HDLP11118UFCB-0PC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions are in inches [mm] hdlp series 3 / 21 www.hypertronics.com high density low profile connectors ? high density contact arrangement ? light weight low profile mated height ? surface mount termination technology ? miniature hyperboloid socket contacts ? interfacial seal ? polarized and scoop proof ? pick and place compatible general specifications insulator material liquid crystal polymer (lcp) contact material copper alloy socket wire material beryllium copper interfacial seal material fluorosilicone guides material stainless steel contact plating astm-488-b (type ii, grade c, class 1) contact resistance 8 milliohms max. current rating 2 amps per contact contact life cycles 2,000+ operations extraction forces 1.0 oz. temperature range -55 c to 125 c voltage rating 110 vdc or ac peak nomial contact diameter 0.015 [0.39] * plating thickness these values apply to mating surfaces. contact plating finishes connector finish ordering code description component component finish ordering code conforms to plating thickness* u gold plate socket -/9 astm-488-b (type ii, grade c, class 1) 1.27 m gold plate min. 50 in gold plate min. pin -/7 astm-488-b (type ii, grade c, class 1) 1.27 m gold plate min. 50 in gold plate min. current rating the hypertac ? contact design and manufacturing toler- ances endow the product with the following attributes: ? double the current rating of other contact designs of similar size ? low contact resistance in high current applications minimizes temperature rise thereby enabling higher density interconnects hyp_08_3rec13.qxd:layout 1 8/6/08 4:48 pm page 21
hdlp series 3 / 22 www.hypertronics.com dimensions are in inches [mm] straight male number of contacts 30 58 90 118 single double single double single double single double dimension a 0.657 [16.70] ? 1.070 [27.20] ? 1.543 [39.20] ? 1.957 [49.70] ? dimension b 0.923 [23.45] ? 1.337 [33.95] ? 1.809 [45.95] ? 2.222 [56.45] ? dimension c 0.090 [2.28] 0.270 [6.85] 0.090 [2.28] 0.270 [6.85] 0.090 [2.28] 0.270 [6.85] 0.090 [2.28] 0.270 [6.85] dimension d 0.243 [6.18] 0.423 [10.75] 0.243 [6.18] 0.423 [10.75] 0.243 [6.18] 0.423 [10.75] 0.243 [6.18] 0.423 [10.75] dimension e 0.795 [20.20] ? 1.209 [30.70] ? 1.681 [42.70] ? 2.094 [53.20] ? hdlp insulators straight male hyp_08_3rec13.qxd:layout 1 8/6/08 4:48 pm page 22
dimensions are in inches [mm] hdlp series 3 / 23 www.hypertronics.com straight female number of contacts 30 58 90 118 dimension a 0.657 [16.70] 1.070 [27.20] 1.543 [39.20] 1.957 [49.70] dimension b 0.858 [21.80] 1.272 [32.30] 1.744 [44.30] 2.157 [54.80] dimension e 0.795 [20.20] 1.209 [30.70] 1.681 [42.70] 2.094 [53.20] hdlp insulators straight female hyp_08_3rec13.qxd:layout 1 8/6/08 4:48 pm page 23
hdlp series 3 / 24 www.hypertronics.com dimensions are in inches [mm] hdlp insulators 90 male 90 male number of contacts 30 58 90 118 dimension a 0.657 [16.70] 1.070 [27.20] 1.543 [39.20] 1.957 [49.70] dimension b 0.923 [23.45] 1.337 [33.95] 1.809 [45.95] 2.222 [56.45] hyp_08_3rec13.qxd:layout 1 8/6/08 4:48 pm page 24
dimensions are in inches [mm] hdlp series 3 / 25 www.hypertronics.com hdlp contact terminations termination style dimension a h 0.089 [2.26] j 0.124 [3.16] k 0.152 [3.86] termination style dimension a c 0.089 [2.26] d 0.124 [3.16] e 0.152 [3.86] termination style dimension a c 0.089 [2.26] d 0.124 [3.16] e 0.152 [3.86] male 90 printed circuit board female smt male smt female vertical printed circuit board male vertical printed circuit board hyp_08_3rec13.qxd:layout 1 8/6/08 4:48 pm page 25
hdlp series 3 / 26 www.hypertronics.com dimensions are in inches [mm] hdlp part number configurator hdlp 1 1 f 0p0 u h aa 030 series hdlp standard variations (male and female printed circuit board variants) 0p0 = back potted terminations and fitted with interfacial seal (preferred) 0px = tinned and back potted and fitted with interfacial seal 0pc = back potted, coated to conformity and fitted with interfacial seal np0 = back potted terminations (preferred) npx = tinned and back potted npc =back potted and coated to conformity contact termination c = through board solder-straight pc tail ? 2.26mm long d = through board solder-straight pc tail ? 3.16mm long e = through board solder-straight pc tail ? 3.86mm long h = through board solder- 90 pc tails ? 2.26mm long j = through board solder- 90 pc tails ? 3.16mm long k = through board solder- 90 pc tails ? 3.86mm long q = surface mount - straight (contact factory for more details) alignment pips 1 = with 2 = without default is 2 if insulator style is 9 contact plating u = standard gold plating 50in gold plating over 50in nickel plating over 10in copper flash s = gold plate with tin dipped terminations (pc tail only) contact gender m = male f = female number of contacts 030 = 30 058 = 58 090 = 90 118 = 118 guide hardware aa = no guide hardware b- = locking socket c- = not yet defined d- = locking post e- = not yet defined f- = polarizing socket g- = not yet defined h- = polarizing pin i- = not yet defined j- = connector to board fixing k- = not yet defined l- = guide socket m- = not yet defined o- = guide pin p- = not yet defined q- = polarized transverse mounting (contact factory for more details) insulator height/style 1 = single 2 = double 9 = 90 default is 9 for 90 contact termination (90 female not currently available) hyp_08_3rec13.qxd:layout 1 8/6/08 4:48 pm page 26


▲Up To Search▲   

 
Price & Availability of HDLP11118UFCB-0PC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X